Part Number Hot Search : 
TDA6131 LRS1B12 P1701 GL34J BD311NPN 50N06 SA575N 2SC54
Product Description
Full Text Search
 

To Download PKN033AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features > g l a ss p a ssi a t e d j u n ct i o n > r o h s co m p l i a n t > b i - d i r e ct i o n a l o r u n - d i r e ct i o n a l > v e r y l o w c l a m p i n g voltage > h i g h t e m p e r a t u r e so l d e r i n g : 2 6 0 c/ 1 0 se co n d s a t t e r m i n a l s > h i g h cu r r e n t t r a n si e n t su p p r e sso r > e p o x y e n ca p su l a t e d > s h a r p b r e a k d o w n v o l t a g e package dimensions t y p e a b c d e f g l 1 , l 2 a 1 6 0 . 5 3 . 2 0 . 5 20-6 1 . 2 5 . 5 6 2 b 2 4 . 5 0 . 5 3 . 2 0 . 5 2 0- 6 1 . 2 3 . 5 - 1 6 . 5 1 6 . 5 - 3 . 5 iec compatibility > iec 6100-4-5(lightning) 15 ka(8/20s) applications > base station power > ups >communication power >railway system > power system ?||?????? blue powder surge suppressor l1 a g d e f c b l2 s e r i e s p k e : 3 k a p k g : 6 k a p k m : 1 0 k a p k n : 1 5 k a r e v e r se st a n d - o f f v o l t a g e p o l a r i t y c : b i - p o l a r a : u n i - p o l a r p a cka g e default:no lead a : 1 6 m m b : 2 4 m m c:7.5mm i n t e r n a l co d e rev.2014.05.01 0 1 | www.spsemi.cn pk n ( 1 5 ka ) series 150.5 150.5 150.5 150.5
soldering parameters electrical characteristics 0 20 40 60 80 10 0 12 0 0 2 5 5 0 7 5 1 0 0 12 5 1 50 am b i e n t t e m p e r at u r e ( c) percent of rated v alue p eak t emper at ur e : 265 o c dipping time : 1 0 seconds solder ing : 1 time t emperature (t) t ime (t) t s(min) t s(max) t l t p t s preheat t l t p ramp-up critical zone t l to t p ramp-down t 25?c to peak 25?c ph ysical speci?cations power derating curve flow/wave soldering (solder dipping) rev.2014.05.01 0 2 | www.spsemi.cn pk n ( 1 5 ka ) series s ta n d o f f v o l ta g e ( v d c ) v o l ts re v e r s e l e a k a g e t e s t cu r r e n t it un b i v r w m ( v ) ir( u a ) m i n . m a x . m a v c l ip p p k n 0 2 0 a a p k n 0 2 0 ca 2 0 2 0 2 2 .2 2 4 .5 1 0 3 8 1 5 0 0 0 a o r b p k n 0 2 2 a a p k n 0 2 2 ca 2 2 2 0 2 4 .0 2 6 .9 1 0 4 2 1 5 0 0 0 a o r b p k n 0 2 4 a a p k n 0 2 4 ca 2 4 2 0 2 6 .7 2 9 .5 1 0 4 5 1 5 0 0 0 a o r b p k n 0 3 0 a a p k n 0 3 0 ca 3 0 2 0 3 3 .3 3 6 .8 1 0 5 2 1 5 0 0 0 a o r b p k n 0 3 3 a a p k n 0 3 3 ca 3 3 2 0 3 6 .7 4 0 .6 1 0 5 8 1 5 0 0 0 a o r b p k n 0 3 6 a a p k n 0 3 6 ca 3 6 2 0 4 0 .0 4 4 .2 1 0 6 4 1 5 0 0 0 a o r b p k n 0 5 8 a a p k n 0 5 8 ca 5 8 2 0 6 4 .4 7 1 .2 1 0 1 1 0 1 5 0 0 0 a o r b p k n 0 6 6 a a p k n 0 6 6 ca 6 6 2 0 7 3 .7 8 0 .7 1 0 1 2 5 1 5 0 0 0 a o r b p k n 0 7 6 a a p k n 0 7 6 ca 7 6 2 0 8 5 .0 9 5 .0 1 0 1 3 8 1 5 0 0 0 a o r b p k n 1 7 0 a b p k n 1 7 0 c b 1 7 0 2 0 1 8 0 .0 2 2 0 .0 1 0 2 6 0 1 5 0 0 0 b p k n 1 9 0 a b p k n 1 9 0 c b 1 9 0 2 0 2 0 0 .0 2 4 5 .0 1 0 2 9 0 1 5 0 0 0 b p k n 2 4 0 a b p k n 2 4 0 c b 2 4 0 2 0 2 5 0 .0 2 8 5 .0 1 0 3 4 0 1 5 0 0 0 b p k n 3 8 0 a b p k n 3 8 0 c b 3 8 0 2 0 4 0 1 .0 4 4 3 .0 1 0 5 2 0 1 5 0 0 0 b p k n 4 3 0 a b p k n 4 3 0 c b 4 3 0 2 0 4 4 0 .0 4 9 0 .0 1 0 6 2 5 1 5 0 0 0 b p a r t nu m b e r s b r e a k d o w n v o l ta g e ( v b r ) @ it m a x . cl a m p i n g v o l ta g e v c l @ ip p 8 /2 0 u s p a c k a g e t y p e


▲Up To Search▲   

 
Price & Availability of PKN033AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X